ATS-15D-75-C1-R0
AI

The **ATS-15D-75-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions Inc.* It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductor components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Number** | ATS-15D-75-C1-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 1.47°C/W @ 100 LFM (Linear Feet per Minute) |
| **Dimensions** | 25mm x 25mm x 30mm |
---
### 2. Design and Construction
The component is engineered with several key structural features to maximize heat dissipation:
* **Fin Style:** It features a **Straight Fin** design. This allows for low pressure drop and is ideal for systems with a defined airflow direction.
* **Thermal Interface Material (TIM):** The "C1" in the part number indicates it comes with a high-performance **T766 phase change material** or equivalent thermal pad pre-applied to the base, ensuring minimal air gaps between the chip and the metal.
* **PushPIN™ Mechanism:** This replaces traditional adhesive tapes. It uses a flexible attachment system with a "catch" and a compression spring to provide precise pressure, ensuring optimal contact with the heat source.
---
### 3. Thermal Performance Analysis
The performance of the ATS-15D-75-C1-R0 varies based on the airflow (velocity) within the electronic enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 1.47 |
| 200 (1.0 m/s) | 0.93 |
| 300 (1.5 m/s) | 0.77 |
| 400 (2.0 m/s) | 0.68 |
---
### 4. Key Electronic Applications
Because of its high height-to-width ratio (30mm height on a 25mm base), this part is typically used in:
* **Network Switches/Routers:** Where vertical space is available but PCB real estate is limited.
* **Power Supplies:** To cool MOSFETs or voltage regulators.
* **Embedded Systems:** Industrial PCs requiring passive or semi-active cooling.
- ⤷
What is the difference between blue anodized and black anodized finishes for this part?
- ⤷ How do I calculate if the 1.47°C/W resistance is sufficient for my specific chip?
- ⤷ Can the pushPIN attachment be reused if I need to replace the chip?