ATS-15D-75-C3-R0
AI

The **ATS-15D-75-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for precision cooling of electronic integrated circuits (ICs) and surface-mount devices.
---
### 1. Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions | ATS |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Increases surface emissivity and prevents corrosion |
| **Thermal Resistance** | 1.57 °C/W (@ 100 LFM) | Efficiency at low airflow |
| **Dimensions (L x W)** | 45mm x 45mm | Standard square footprint |
| **Height** | 30.00mm | Vertical clearance requirement |
| **Attachment Type** | pushPIN™ | Spring-loaded pin mechanism |
---
### 2. Design and Construction
#### **Fin Profile: Cross-Cut**
The part features a **straight fin, cross-cut** design. This creates a grid of pins rather than long continuous walls, allowing for:
* **Omnidirectional Airflow:** Air can enter the heat sink from any direction, making it ideal for systems where the airflow path is not strictly linear.
* **Turbulence Generation:** The gaps between pins break up the boundary layer of air, increasing heat transfer efficiency.
#### **Attachment Mechanism (pushPIN™)**
Unlike adhesive tapes or simple clips, the `75` series uses a push-pin system with a built-in spring:
* **Constant Pressure:** Ensures consistent contact between the heat sink base and the electronic component.
* **Secure Fit:** Prevents the heat sink from shifting due to mechanical shock or vibration.
---
### 3. Thermal Performance Metrics
Thermal resistance indicates how many degrees Celsius the component temperature will rise per Watt of power dissipated.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 1.57 |
| 300 (1.5 m/s) | 0.82 |
| 500 (2.5 m/s) | 0.67 |
---
### 4. Part Number Breakdown
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **15D**: Series identifier.
* **75**: Push-pin pitch and style.
* **C3**: Thermal Interface Material (TIM). This usually indicates it comes with a pre-applied high-performance phase-change material or grease.
* **R0**: RoHS Compliant / Revision code.
---
- ⤷
What are the mounting hole requirements for the pushPIN system on a PCB?
- ⤷ How does the 'Blue Anodized' finish compare to 'Black Anodized' in terms of thermal performance?
- ⤷ What specific Thermal Interface Material (TIM) is included with the C3 designation?