ATS-15D-87-C2-R0
AI

### ATS-15D-87-C2-R0: Technical Overview
The **ATS-15D-87-C2-R0** is a high-performance **Heat Sink** assembly designed by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, specifically engineered for cooling electronic components such as processors, FPGAs, and ASICs where space is limited and thermal performance is critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-15D-87-C2-R0 |
| **Material** | Aluminum (Body) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance (Flowing)** | 2.72°C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 14.77°C/W (Duct-free) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 12.70mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Component Design Features
#### A. The maxiFLOW™ Geometry
The heat sink features a unique **flared fin structure**. Unlike standard straight-fin heat sinks, this design increases the surface area and creates turbulence in the airflow, which significantly enhances heat dissipation in low-airflow environments.
#### B. pushPIN™ Attachment System
The "R0" designation refers to the attachment mechanism. It uses a **pushPIN™** system characterized by:
* **Brass Springs:** Provides a precise and consistent pressure (load) on the component.
* **Plastic/Brass Pins:** Securely locks the heat sink into pre-drilled holes on the PCB.
* **Vibration Resistance:** Ideal for industrial or automotive environments where mechanical stability is required.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a high-performance phase-change or grease-like material designed to fill the microscopic air gaps between the component die and the heat sink base, ensuring maximum thermal conductivity.
---
### 3. Thermal Performance Comparison
Performance varies based on the velocity of the air (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 2.72 |
| 200 (1.0 m/s) | 2.02 |
| 400 (2.0 m/s) | 1.51 |
| 600 (3.0 m/s) | 1.29 |
---
### 4. Applications
* **Network Switches/Routers:** Cooling high-speed data processing chips.
* **Power Supplies:** Managing heat in compact DC-DC converters.
* **Embedded Systems:** Protecting CPUs in fanless or restricted-airflow enclosures.
---
- ⤷
What is the hole pattern requirement on the PCB for the pushPIN™ attachment?
- ⤷ How does the blue anodized finish impact the thermal emissivity of this heat sink?
- ⤷ Can this heat sink be customized with a different Thermal Interface Material (TIM)?