ATS-15D-95-C2-R0
AI

## Overview: ATS-15D-95-C2-R0
The **ATS-15D-95-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **blueICE™** series, designed primarily for cooling electronic components such as processors, FPGAs, and ASICs where space is limited but thermal demands are high.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ Heat Sink Assembly |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Thermal Resistance** | 7.29°C/W (Unducted Flow @ 100 LFM) |
| **Fin Configuration** | Fine Pitch (Rectangular) |
---
### Core Electronic & Mechanical Components
The assembly is composed of four primary elements that work together to manage the thermodynamics of an electronic circuit:
#### 1. The Heat Sink Body
* **Material:** Extruded Aluminum. Aluminum is used for its high thermal conductivity and lightweight properties.
* **Fin Design:** The "Fine Pitch" design maximizes the surface area available for heat dissipation. This allows for efficient cooling even in systems with low airflow.
#### 2. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical fastening system:
* **Pins:** Nylon or Brass pins that snap into pre-drilled holes on the PCB.
* **Springs:** Compression springs provide a precise "Force-to-Fit," ensuring consistent pressure between the heat sink and the component. This prevents the heat sink from shifting during vibration or shipping.
#### 3. Thermal Interface Material (TIM)
* The **C2** in the part number indicates the specific thermal interface material.
* It typically comes pre-applied with **T766** or a similar high-performance thermal grease to ensure there are no air gaps between the electronic component and the aluminum base.
#### 4. Hardware Finish
* **Blue Anodized:** This is an electrochemical process that increases corrosion and wear resistance. It also provides a slight increase in surface emissivity, aiding in radiant heat loss.
---
### Performance Data (Thermal Resistance)
Thermal resistance measures how effectively the part moves heat away from the chip. Lower values are better.
| Velocity (LFM) | 100 (0.5m/s) | 300 (1.5m/s) | 500 (2.5m/s) |
| :--- | :--- | :--- | :--- |
| **Unducted Flow** | 7.29 °C/W | 2.48 °C/W | 1.45 °C/W |
| **Ducted Flow** | 1.75 °C/W | 1.10 °C/W | 0.90 °C/W |
---
### Application Summary
This part is commonly found in:
* **Networking Equipment:** Routers and switches.
* **Industrial PCs:** Compact computing modules.
* **Power Supplies:** High-density power conversion units.
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How do I determine the correct PCB hole pattern for the pushPIN attachment?
- ⤷ Can this heat sink be customized with a different Thermal Interface Material (TIM)?