ATS-15E-159-C1-R0
AI

The **ATS-15E-159-C1-R0** is a high-performance heat sink manufactured by Advanced Thermal Solutions (ATS) as part of their **push-pin** attachment series. It is designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Fin Type** | XCUT (Cross-cut) |
| **Thermal Resistance** | 10.66°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
---
### 2. Mechanical Design and Components
The part is engineered for specific airflow conditions and mechanical stability:
#### A. The Heat Sink Body
* **Material:** Extruded aluminum, which provides a balance between lightweight design and efficient thermal conductivity.
* **XCUT Fin Pattern:** The "XCUT" geometry creates a cross-cut pattern. This allows airflow to enter from multiple directions, making it ideal for systems where the airflow path is not strictly linear.
* **Blue Anodization:** This is not just aesthetic; it protects the aluminum from corrosion and slightly improves radiant heat emissivity.
#### B. The Attachment System (Push-Pins)
* **Spring-Loaded Pins:** The "R0" suffix typically denotes the specific pin and spring assembly. These pins provide a precise "Pre-load" force, ensuring the heat sink makes consistent contact with the electronic chip.
* **Brass/Plastic Pins:** Most versions use a durable plastic push-pin with a stainless steel spring to maintain downward pressure without damaging the PCB.
#### C. Thermal Interface Material (TIM)
* The part usually comes with **pre-applied thermal tape** or a phase-change material on the base. This eliminates the need for external thermal paste and ensures there are no air gaps between the component and the heat sink.
---
### 3. Thermal Performance Profile
The efficiency of this part depends heavily on the airflow (LFM - Linear Feet per Minute) within the enclosure:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (Natural/Low)** | 10.66 |
| **300 (Medium)** | 4.47 |
| **500 (High)** | 3.39 |
---
### 4. Integration Usage
* **Compatibility:** Designed for a 45mm footprint. It requires specific mounting holes drilled into the PCB at a pitch designated by the ATS push-pin standard.
* **Application:** Commonly used in telecommunications, networking equipment (routers/switches), and industrial embedded systems.
- ⤷
What is the required PCB hole diameter for the ATS push-pin system?
- ⤷ How does blue anodization compare to black anodization in thermal performance?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied TIM?