Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-15E-182-C2-R0

  • AI
    The **ATS-15E-182-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It belongs to the "push-pin" attachment family, which is widely used for cooling integrated circuits (ICs) and other PCB-mounted components. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of the part: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Thermal Resistance** | 7.51°C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 40mm x 40mm x 15mm | | **Fin Style** | Straight Fin | | **Spring Type** | Compression Spring | --- ### 2. Breakdown of the Part Number The part number follows a specific nomenclature used by ATS to identify the component's features: * **ATS-15E**: Denotes the specific product family and height profile. * **182**: Refers to the internal design geometry (fin count/spacing). * **C2**: Indicates the material and finish (usually Blue Anodized Aluminum). * **R0**: Represents the revision or specific packaging variant. --- ### 3. Key Electronic Functions While this is a passive mechanical part, its role in an electronic system is critical: 1. **Thermal Dissipation**: It increases the surface area of a hot component (like a CPU, FPGA, or MOSFET), allowing air to carry heat away more efficiently. 2. **Overheating Protection**: By lowering the junction temperature of a semiconductor, it prevents thermal throttling and extends the lifespan of the device. 3. **Mechanical Attachment**: The integrated push-pin system ensures constant pressure against the component, which is vital for maintaining a consistent thermal interface when used with thermal paste or pads. --- ### 4. Application Use Cases * **Networking Equipment:** Switches, routers, and high-speed modems. * **Embedded Systems:** Industrial PCs and controllers. * **Power Electronics:** Voltage regulators and power modules.
    ✨ Follow-up Questions
    • ⤷What is the recommended airflow for this heatsink to reach its maximum efficiency?
    • ⤷ Does this model come with pre-applied thermal interface material?
    • ⤷ What are the advantages of push-pin mounting over adhesive tape?