AI

The **ATS-15E-75-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to cool electronic components like CPUs, GPUs, or FPGAs by dissipating heat into the surrounding air.
---
## Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-15E-75-C3-R0 |
| **Heat Sink Type** | Push-Pin (straight fin design) |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 1.51°C/W (@ 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Attachment Method** | Plastic Push-Pin with Brass Springs |
| **Thermal Interface Material** | T412 (Pre-applied) |
---
## Breakdown of Key Components
### 1. The Heat Sink Body
* **Fin Profile:** This model typically features a **straight-fin** or **cross-cut** design, providing a large surface area for heat exchange.
* **Material:** Made from **6063 Aluminum**, which offers a high thermal conductivity-to-weight ratio. The **Blue Anodized** finish protects the aluminum from corrosion and slightly increases emissivity.
### 2. The Attachment Mechanism (Push-Pins)
* **Structure:** This part uses a specialized push-pin system consisting of a flexible plastic pin and a high-tension brass spring.
* **Benefit:** It ensures consistent pressure on the component (IC), which is critical for maximizing thermal transfer. The hole pattern required for this specific model is usually **38mm x 38mm**.
### 3. Thermal Interface Material (TIM)
* **Type:** It comes pre-applied with **T412**, a high-performance thermal tape.
* **Function:** It fills the microscopic air gaps between the component surface and the heat sink base, significantly reducing thermal resistance.
---
## Performance Summary
The efficiency of the ATS-15E-75-C3-R0 depends heavily on the airflow (measured in Linear Feet per Minute - LFM).
* **Low Airflow (200 LFM):** ~1.51°C/W thermal resistance.
* **High Airflow (800 LFM):** ~0.70°C/W thermal resistance.
---
## Use Case Applications
* **Networking Equipment:** Switches, routers, and high-speed modems.
* **Industrial PCs:** Cooling embedded processors in fanless or forced-air environments.
* **Power Supplies:** Heat dissipation for MOSFETs and power regulators.
- ⤷
What is the exact hole pattern required for mounting this heat sink?
- ⤷ Can the T412 thermal interface material be replaced with thermal paste?
- ⤷ How does 'Blue Anodized' finishing impact thermal performance compared to bare aluminum?