ATS-15F-05-C2-R0
AI

The **ATS-15F-05-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, which is specifically designed to provide low thermal resistance and high reliability for cooling electronic components.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 36.83mm x 41.21mm x 22.86mm |
| **Thermal Resistance** | 3.52° C/W @ 200 LFM |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Interface Material** | T766 (Thermal Interface Material pre-applied) |
| **Airflow Direction** | Directional (High-performance fin geometry) |
---
## 2. Key Features and Design
### Fin Geometry
The "F" in the part number denotes the **maxiFLOW™** design. This utilizes a tapered fin structure that increases surface area and creates turbulence, which enhances heat dissipation compared to traditional straight-fin heat sinks.
### Attachment Mechanism (pushPIN™)
The **-R0** suffix indicates a standard push-pin assembly.
* **Ease of Install:** Uses a flexible plastic or metal pin that snaps into pre-drilled holes on the PCB.
* **Consistent Pressure:** Includes a compression spring to ensure even contact pressure between the heat sink and the component, maximizing thermal transfer.
### Surface Treatment
The **Blue Anodized** finish is not just for aesthetics; it provides:
* Increased corrosion resistance.
* Enhanced surface emissivity, slightly improving radiation cooling.
* Electrical insulation of the surface.
---
## 3. Typical Applications
This specific size and thermal profile are commonly used for:
* **CPUs/GPUs:** Small form factor processors or mobile chips.
* **FPGAs & ASICs:** High-heat integrated circuits in networking equipment.
* **Power Supplies:** Cooling transistors or voltage regulators in dense PCB layouts.
---
## 4. Thermal Performance Data
Performance varies based on the velocity of airflow (LFM - Linear Feet per Minute):
| Airflow (LFM) | Thermal Resistance (°C/W) | Pressure Drop (in. H2O) |
| :--- | :--- | :--- |
| 200 | 3.52 | 0.16 |
| 400 | 2.50 | 0.32 |
| 600 | 2.05 | 0.45 |
- ⤷
What are the specific hole dimensions required on the PCB for the pushPIN™ attachment?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Is there a low-profile version of this heat sink for height-restricted enclosures?