ATS-15F-07-C3-R0
AI

The **ATS-15F-07-C3-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its specifications and physical attributes.
---
### 1. Technical Specifications
This part is manufactured by **Advanced Thermal Solutions (ATS)** as part of their "push pin" series.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-15F-07-C3-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (with Springs) |
| **Thermal Resistance** | 17.09 °C/W (at 100 LFM) |
| **Flow Direction** | Vertical (Cross-Cut for omni-directional airflow) |
---
### 2. Physical Dimensions
The dimensions are critical for determining if the heatsink fits on a specific PCB layout.
| Dimension | Measurement |
| :--- | :--- |
| **Length/Width** | 45.00 mm x 45.00 mm |
| **Height** | 12.70 mm |
| **Pin Pitch (Spacing)** | 38.00 mm |
| **Weight** | ~15 grams |
---
### 3. Key Component Features
* **Push-Pin Mounting:** Unlike adhesive-based heatsinks, this uses a mechanical push-pin system. This provides more consistent pressure and is more reliable in high-vibration environments.
* **Cross-Cut Fin Design:** The fins are cut in a grid pattern. This allows air to flow through the heatsink from any direction (omni-directional), making it ideal for systems where the airflow direction is unpredictable.
* **Pre-Applied Thermal Interface Material (TIM):** This specific model typically comes with **T412** thermal tape or phase-change material pre-applied to the base to ensure efficient heat transfer from the chip to the aluminum.
* **C3 Material Grade:** The "C3" in the part number indicates the specific thermal performance and material classification within the ATS product line (often referring to the high-efficiency aluminum alloy used).
### 4. Common Applications
* **CPUs/GPUs:** Cooling secondary processors or graphics chips.
* **FPGAs:** Cooling large programmable logic devices.
* **Telecommunications:** Used in routers and switches where components are packed tightly together.
* **Power Supplies:** Dissipating heat from power transistors.
---
- ⤷What is the difference between the C1
- ⤷ C2
- ⤷ and C3 variants of this heatsink?
- ⤷ Does this model come with the push pins included in the package?
- ⤷ What are the recommended hole sizes for the PCB push-pin mounting?