Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-15F-10-C2-R0

  • AI
    The **ATS-15F-10-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient heat dissipation in compact electronic systems. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Part Number** | ATS-15F-10-C2-R0 | | **Heat Sink Type** | pushPIN™ Heat Sink Assembly | | **Fin Style** | XC (Cross-Cut) / Straight Fin | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Thermal Resistance** | 7.89 °C/W (@ 100 LFM) | --- ### 2. Physical Dimensions The dimensions are critical for ensuring the part fits on the Printed Circuit Board (PCB) without interfering with adjacent components. * **Length (A):** 45.00 mm * **Width (B):** 45.00 mm * **Height (C):** 25.00 mm * **Pitch (E):** 38.00 mm (Distance between mounting holes) * **Pitch (F):** 38.00 mm --- ### 3. Key Features and Components ### A. pushPIN™ Attachment Unlike adhesive tapes or simple clips, this model uses a **pushPIN™ system**. This consists of a plastic or brass pin and a compression spring. * **Benefit:** Provides consistent pressure (clamping force) on the high-performance thermal interface material, improving heat transfer. ### B. XC Cut (Cross-Cut) Geometry The "XC" in the design indicates a cross-cut fin pattern. * **Function:** This creates more surface area and allows for "omni-directional" airflow. It is highly effective in systems where the direction of the cooling fan's air isn't strictly horizontal or vertical. ### C. Thermal Interface Material (TIM) The "C2" in the part number indicates the type of thermal interface. * **Material:** T766 (High-performance thermal grease). * **Purpose:** Pre-applied to the base of the heat sink to fill microscopic air gaps between the CPU/Chipset and the aluminum, ensuring maximum thermal conductivity. --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **ATS** | Advanced Thermal Solutions | | **15** | Series/Designator | | **F** | Attachment Type (pushPIN) | | **10** | Specific Dimensions/Fin Profile | | **C2** | Thermal Interface Material (T766 Grease) | | **R0** | RoHS Compliant / Revision code |
    ✨ Follow-up Questions
    • ⤷ What are the alternative mounting methods for ATS heat sinks if pushPIN is not suitable?
    • ⤷ How does 'Blue Anodized' finish impact the thermal performance compared to bare aluminum?
    • ⤷ What is the weight of the ATS-15F-10-C2-R0 for vibration sensitivity calculations?