ATS-15F-100-C2-R0
AI

The **ATS-15F-100-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed specifically for cooling electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Spring-loaded) |
| **Material** | Aluminum (Body), Brass (Pins) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 25mm |
| **Thermal Resistance** | 4.84 °C/W (Unducted Flow @ 100 LFM) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature that describes its physical and thermal characteristics:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **15F**: Series designation (specific fin pattern and design).
* **100**: Length/Size reference (corresponds to the 45mm x 45mm footprint).
* **C2**: Thermal interface material (usually indicates **T766** high-performance phase change material or grease).
* **R0**: RoHS compliance and revision status.
---
### 3. Key Features and Components
#### A. Fin Design (Cross-Cut)
The unit features a **cross-cut** fin pattern. This design allows for multidirectional airflow, making it effective in systems where air might not be blowing in a single straight path. This increases the surface area for heat dissipation.
#### B. pushPIN™ Attachment Mechanism
Unlike adhesive tapes, this part uses a mechanical push-pin system:
* **Springs:** Provide precise, uniform pressure across the component.
* **Pins:** Designed to fit into pre-drilled holes on the PCB (printed circuit board).
* **Reliability:** Mechanical mounting is more durable under high-vibration or high-heat environments compared to thermal tape.
#### C. Blue Anodized Finish
The surface is treated with a blue anodized coating. This is not just for aesthetics; it provides:
* Corrosion resistance.
* Improved emissivity for better radiative heat transfer.
* Electrical insulation of the aluminum surface.
---
### 4. Application Use Cases
This heat sink is typically used for components requiring mid-to-high thermal management, such as:
* **Field Programmable Gate Arrays (FPGAs)**
* **Application-Specific Integrated Circuits (ASICs)**
* **Power supplies and converters**
* **Embedded computing modules**
---
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does 'ducted' vs 'unducted' airflow change the thermal resistance of this part?
- ⤷ Can this heat sink be customized with different thermal interface materials (TIM)?