ATS-15F-11-C2-R0
AI

The **ATS-15F-11-C2-R0** is a specific part number for a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. This component belongs to the "push pin" series designed for cooling electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number itself acts as a code for its physical and thermal characteristics.
| Specification | Details |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) with Springs |
| **Thermal Resistance** | 18.74°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 50mm x 50mm x 10mm |
| **Fin Type** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
Advanced Thermal Solutions uses a standardized nomenclature to define their products:
1. **ATS**: Manufacturer (Advanced Thermal Solutions).
2. **15**: The series/family (Push-pin heat sink).
3. **F**: Fin pitch/density characteristic.
4. **11**: The height code (10mm height).
5. **C2**: Material and Finish (Aluminum with Blue Anodize).
6. **R0**: Revision or specific packaging code.
---
### 3. Key Electronic Functions
While the heat sink itself is a passive mechanical part, its role in an electronic circuit is critical for **Thermal Management**:
* **Heat Dissipation:** It increases the surface area of a hot electronic component, allowing the surrounding air to carry away heat more efficiently.
* **Reliability:** By keeping the junction temperature ($T_j$) of a semiconductor low, it prevents thermal throttling and extends the lifespan of the device.
* **Pre-applied TIM:** The "T766" thermal interface material ensures there are no microscopic air gaps between the chip and the heat sink, maximizing heat transfer.
---
### 4. Mechanical Mounting
The **Push-Pin and Spring** mechanism is used to provide consistent pressure across the chip surface.
* **Hole Pattern:** Requires specific pre-drilled holes in the PCB.
* **Spring Force:** The springs provide a calculated amount of downward force to ensure the heat sink remains in contact with the component even during mechanical vibration.
- ⤷
What are the PCB hole requirements for the ATS-15F-11-C2-R0 push-pins?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ What is the maximum power dissipation (Watts) this heat sink can handle?