ATS-15F-113-C2-R0
AI

The **ATS-15F-113-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Type** | Heat Sink (Top Mount) |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-pin (Brass) |
| **Thermal Resistance** | 11.79°C/W (Unducted Flow @ 100 LFM) |
| **Base Dimensions** | 40.00mm x 40.00mm |
| **Height** | 10.00mm |
---
### 2. Component Breakdown
#### A. The Fin Design (Flat Fin)
The "113" in the part number indicates a specific fin pattern. This model typically features a **high-density fin structure** designed to maximize surface area within a low-profile height (10mm). This is ideal for compact enclosures where vertical space is limited.
#### B. The Material and Finish
* **Aluminum 6063:** This alloy is chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized:** The "C2" suffix indicates the finish. Blue anodizing provides corrosion resistance and increases thermal emissivity, helping slightly with radiative cooling.
#### C. The Attachment Mechanism (Push-Pin)
Unlike adhesive-based heat sinks, the **ATS-15F-113-C2-R0** uses a mechanical push-pin system:
* **R0 Suffix:** Refers to the specific spring and pin kit included.
* **Pressure:** The push-pin/spring combination ensures constant pressure between the heat sink and the chip, optimizing the Thermal Interface Material (TIM) performance.
---
### 3. Thermal Performance Profile
Thermal resistance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 11.79 |
| 300 (1.5 m/s) | 4.73 |
| 500 (2.5 m/s) | 3.35 |
| 700 (3.5 m/s) | 2.80 |
---
### 4. Typical Applications
* **Embedded Systems:** Industrial PCs where space is tight.
* **Telecommunications:** Network switches and routers.
* **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
* **Consumer Electronics:** Set-top boxes or compact gaming consoles.
---
- ⤷
What is the hole-to-hole spacing required on the PCB for this heat sink?
- ⤷ Does this part come with pre-applied Thermal Interface Material (TIM)?
- ⤷ Are there alternative fin heights available for this specific 40x40mm footprint?