ATS-15F-12-C2-R0
AI

## Electronic Specifications and Details for ATS-15F-12-C2-R0
The **ATS-15F-12-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series, designed for high-efficiency cooling of surface-mount components like CPUs, GPUs, and FPGAs.
---
### 1. Key Technical Specifications
Below are the primary electronic and physical parameters for this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | blueICE™ |
| **Thermal Resistance (LFM 200)** | 8.87 °C/W |
| **Thermal Resistance (LFM 700)** | 2.50 °C/W |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Functional Components
#### A. The Heat Sink Body
* **Material:** Constructed from high-grade aluminum to ensure high thermal conductivity while maintaining low weight.
* **Fin Design:** Uses a **straight fin** configuration. This is optimized for uni-directional airflow, allowing heat to dissipate rapidly as air passes through the channels.
* **Anodization:** The blue anodized finish is not just aesthetic; it provides corrosion resistance and increases surface emissivity, slightly improving radiant heat transfer.
#### B. The pushPIN™ Attachment System
This part uses a specific mechanical attachment instead of adhesive:
* **Mechanical Integrity:** It features a spring-loaded mechanism that ensures consistent pressure between the heat sink and the electronic component.
* **Ease of Assembly:** Designed for quick installation on PCBs with pre-drilled holes, reducing the risk of component damage during mounting.
#### C. Thermal Interface Material (TIM)
* **T766:** This part comes with **T766 phase-change material** pre-applied to the base.
* **Function:** It fills microscopic air gaps between the component (chip) and the heat sink base, significantly reducing contact thermal resistance.
---
### 3. Performance under Airflow
Thermal resistance in electronic cooling is highly dependent on Linear Feet per Minute (LFM) of airflow:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 8.87 |
| 400 (2.0 m/s) | 4.10 |
| 600 (3.0 m/s) | 2.87 |
| 800 (4.0 m/s) | 2.30 |
---
### 4. Dimensions and Fitment
* **Width/Length:** 45mm x 45mm
* **Height:** 12.7mm (Low profile, suitable for space-constrained enclosures)
* **Pitch:** 1.0mm (standard for the blueICE™ series)
- ⤷
What are the PCB hole requirements for the pushPIN™ attachment system?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in passive cooling environments without a fan?