ATS-15F-128-C2-R0
AI

The **ATS-15F-128-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-15F-128-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 2.91°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 25.00mm |
| **Pin Type** | XC-CUT (Cross-Cut) |
---
### 2. Core Features
* **pushPIN™ Attachment:** This model uses a proprietary push-pin system. It allows for quick, secure installation onto a PCB without the need for thermal adhesives or complex tools.
* **XC-CUT Fin Design:** The "Cross-Cut" geometry provides a high surface area and allows for multi-directional airflow. This makes it ideal for dense PCB environments where airflow direction might be unpredictable.
* **High Performance Thermal Interface Material (TIM):** This specific part number comes pre-applied with a high-performance thermal pad (usually T766), ensuring low thermal resistance between the component and the heat sink.
* **Blue Anodized Finish:** The anodized coating not only provides a professional aesthetic but also adds a layer of corrosion resistance and slightly improves thermal radiation.
---
### 3. Application Use Cases
The ATS-15F-128-C2-R0 is typically used in the following electronic systems:
1. **Networking Hardware:** High-speed routers and switches.
2. **Embedded Computing:** Industrial PC processors and chipsets.
3. **Power Supplies:** Heat dissipation for high-power transistors or MOSFETs.
4. **Telecom:** Base station equipment requiring high reliability in outdoor or cramped enclosures.
---
### 4. Comparison of Thermal Resistance (Airflow)
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 5.82 |
| 300 | 1.5 | 2.10 |
| 500 | 2.5 | 1.63 |
- ⤷
How does the pushPIN™ attachment mechanism differ from standard clip-on heat sinks?
- ⤷ What is the importance of the Blue Anodized finish for thermal performance?
- ⤷ Can this heat sink be used for CPUs with a TDP higher than 50W?