ATS-15F-133-C2-R0
AI

## Technical Overview: ATS-15F-133-C2-R0
The **ATS-15F-133-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the **push-PIN™** series, designed for efficient thermal management of electronic components such as CPUs, GPUs, and power modules.
---
### 1. Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Model Number** | ATS-15F-133-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | push-PIN™ |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Heat Sink Type** | Fine Pitch (straight fin) |
---
### 2. Physical Dimensions
Detailed physical geometry is critical for PCB layout and clearance planning:
* **Size (L x W):** 70.00 mm x 70.00 mm
* **Height:** 10.00 mm (Low Profile)
* **Fin Pitch:** Fine
* **Weight:** Approximately 110-120 grams (Typical for these dimensions)
---
### 3. Thermal Performance (Degrees C/W)
Performance varies based on the airflow (Linear Feet per Minute - LFM) provided by the system fans.
| Airflow (LFM) | 100 (0.5 m/s) | 200 (1.0 m/s) | 400 (2.0 m/s) | 600 (3.0 m/s) |
| :--- | :---: | :---: | :---: | :---: |
| **Unducted Flow** | 7.42 | 3.38 | 2.01 | 1.55 |
| **Ducted Flow** | 2.25 | 1.45 | 1.15 | 1.00 |
---
### 4. Components & Features
1. **High-Efficiency Fins:** The straight-fin design is optimized for high-density airflow environments.
2. **Push-PIN™ Attachment:**
* Utilizes a brass component with a stainless steel spring for consistent pressure.
* Ensures a secure fit to the PCB, preventing shifting during vibration or shipping.
3. **T766 Thermal Interface Material:**
* Comes pre-applied to the base.
* Provides excellent thermal conductivity between the heat source and the aluminum base, eliminating the need for separate thermal paste application.
4. **Blue Anodized Coating:** Provides corrosion resistance and a professional aesthetic finish.
---
### 5. Application Usage
This specific heat sink is ideal for:
* **Networking Equipment:** Switches and routers where space is limited but power density is high.
* **Embedded Systems:** Industrial PCs requiring rugged, vibration-resistant cooling solutions.
* **Legacy Hardware Upgrades:** Fitting within specific 1U or low-profile chassis constraints.
- ⤷
How does the 'Ducted' vs 'Unducted' airflow impact cooling efficiency for this specific part?
- ⤷ What are the hole diameter requirements for the push-PIN attachment on a PCB?
- ⤷ Are there alternative Thermal Interface Materials (TIM) available for this heat sink model?