ATS-15F-134-C2-R0
AI

The **ATS-15F-134-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-pin (Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 70.00mm x 70.00mm |
| **Height** | 15.00mm |
| **Fin Style** | Fine Pitch (Cross-Cut) |
| **Thermal Resistance** | ~4.44°C/W (at 100 LFM) |
---
## 2. Key Features
### A. pushPIN™ Attachment
This model utilizes a specialized push-pin mechanism. This allows for:
* **Fast Assembly:** Easy installation to the PCB with pre-drilled holes.
* **Constant Pressure:** A high-performance compression spring ensures even pressure across the thermal interface material (TIM).
* **Security:** Reduces the risk of the heat sink shifting during mechanical shock or vibration.
### B. Cross-Cut Fin Design
Unlike straight-fin heat sinks, the "Fine Pitch" cross-cut design allows for:
* **Multi-directional Airflow:** It can dissipate heat effectively regardless of which direction the fan is blowing.
* **Increased Surface Area:** Maximizes the area available for heat exchange within a low-profile (15mm) height.
### C. Blue Anodized Finish
The blue anodizing isn't just for aesthetics; it provides **corrosion resistance** and slightly improves **surface emissivity**, which helps in radiative heat transfer.
---
## 3. Thermal Performance Data
Thermal management effectiveness depends on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 4.44 |
| 300 (1.5 m/s) | 2.06 |
| 500 (2.5 m/s) | 1.62 |
| 700 (3.5 m/s) | 1.40 |
---
## 4. Typical Applications
* **Embedded Systems:** For compact industrial PCs.
* **Telecommunications:** High-speed routers and switches.
* **Power Electronics:** Cooling MOSFETs or IGBT modules.
* **Automotive:** Electronic Control Units (ECUs) requiring vibration-resistant mounting.
- ⤷
How do I determine the correct hole pattern on a PCB for the push-pin attachment?
- ⤷ What is the recommended Thermal Interface Material (TIM) for this heat sink?
- ⤷ Are there variations of this part with different heights or materials?