ATS-15F-141-C2-R0
AI

The **ATS-15F-141-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS).
---
## 1. Technical Specifications
This part is designed for the cooling of electronic components such as CPUs, GPUs, FPGAs, or power modules. Below is a breakdown of its core characteristics:
| Property | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 15.71°C/W (Unducted Flow @ 200 LFM) |
| **Attachment Method** | pushPIN™ |
| **Base Dimensions** | 25mm x 25mm |
| **Height** | 10mm |
| **Fin Style** | Straight |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Component Analysis
### A. Material and Design
* **Aluminum Body:** Provides an excellent balance between thermal conductivity and weight.
* **Blue Anodized Coating:** Increases surface emissivity (improving radiation cooling) and provides a protective layer against corrosion.
* **Straight Fin Profile:** Optimized for air-flow environments where air can move linearly across the device.
### B. The pushPIN™ Attachment System
This specific model features the ATS **pushPIN™** system. This is a mechanical mounting mechanism that:
* Includes a flexible spring to ensure constant pressure.
* Simplifies installation on Printed Circuit Boards (PCBs).
* Prevents movement during vibration or shipping, which is critical for maintaining contact between the chip and the heat sink.
### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base. This is a phase-change material or high-performance grease that fills microscopic air gaps between the heat sink and the electronic component, significantly reducing thermal resistance.
---
## 3. Part Number Breakdown (Nomenclature)
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **15** | Series Number |
| **F** | Fin Pitch / Density Code |
| **141** | Specific Model Reference |
| **C2** | Thermal Performance/Material Grade |
| **R0** | Revision Code / RoHS Compliance |
---
## 4. Typical Applications
* **Network Switches:** Cooling high-speed processing chips.
* **Embedded Systems:** For industrial computers where space is limited.
* **Power Supplies:** Managing heat in MOSFETs or voltage regulators.
- ⤷
What are the benefits of the blue anodized finish over plain aluminum?
- ⤷ How does the air flow rate (LFM) affect the thermal resistance of this heat sink?
- ⤷ Can the pushPIN system be reused if the component is moved to a different PCB?