ATS-15F-161-C2-R0
AI

The **ATS-15F-161-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and surface-mount devices (SMD).
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm |
| **Height (Off Base)** | 20mm |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Thermal Resistance** | 4.74°C/W (at 100 LFM) |
| **Flow Pattern** | COARSE-PITCH (Straight Fin) |
---
### 2. Breakdown of the Part Number
The nomenclature for ATS heat sinks provides specific details about the component:
* **ATS-15**: Indicates the series and standard sizing profile.
* **F**: Denotes the fin pitch (in this case, typically a specific density for airflow).
* **161**: Refers to the specific dimensions and internal geometry of the fins.
* **C2**: Indicates the **Thermal Interface Material (TIM)**. C2 usually refers to **T766**, a high-performance thermal phase-change material or grease pre-applied to the base.
* **R0**: Refers to the revision and the RoHS compliance status (standard commercial version).
---
### 3. Key Features
* **pushPIN™ Attachment:** Uses a flexible attachment system that allows for easy installation and consistent pressure on the heat source, ensuring better thermal contact.
* **Material:** Made from lightweight aluminum with high thermal conductivity.
* **Blue Anodized Finish:** Provides surface protection against corrosion and slightly improves radiant heat transfer.
* **Straight Fin Design:** Optimized for environments where there is a clear, directional airflow (forced convection).
---
### 4. Typical Applications
This part is commonly used in the following electronic systems:
1. **Network Switches/Routers:** Cooling high-speed processors.
2. **Embedded Systems:** For industrial PCs and controllers.
3. **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
4. **FPGA/ASIC Cooling:** Protecting custom integrated circuits from thermal throttling.
- ⤷
What is the significance of the 'C2' thermal interface material compared to other options?
- ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷ Are there alternative mounting options if push-pins are not compatible with my PCB?