Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-15F-176-C2-R0

  • AI
    ## Analysis of ATS-15F-176-C2-R0 The **ATS-15F-176-C2-R0** is a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed for cooling electronic components such as processors, FPGAs, and ASICs. --- ### 1. Technical Specifications The following table details the physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Type** | pushPIN™ | | **Thermal Resistance** | 4.40°C/W (at 100 LFM) | | **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm | | **Pin Configuration** | Fine Pitch | | **Pressure Flow** | High Flow / Low Pressure Drop | | **Spring Material** | Stainless Steel (AISI 302) | | **Interface Material** | T766 (Phase Change Material) | --- ### 2. Design and Construction #### Thermal Performance The heat sink features a **Fine-Pitch** design. This increases the surface area for heat dissipation, making it ideal for environments with high airflow but limited vertical space. #### Mounting System: pushPIN™ The "pushPIN™" system is a specific attachment mechanism used by ATS. It includes: * **Flexible Springs:** Provide the necessary pressure to ensure a secure fit and optimal thermal contact. * **Plastic/Brass Push Pins:** Designed to snap into pre-drilled holes on the PCB. #### Thermal Interface Material (TIM) The part comes pre-applied with **T766**. This is a thermal pad/paste that fills microscopic air gaps between the heat sink and the component, significantly reducing thermal resistance compared to dry mounting. --- ### 3. Naming Convention Breakdown The part number can be decoded as follows: * **ATS**: Advanced Thermal Solutions. * **15F**: Series/Profile identification. * **176**: Specific geometric/thermal configuration. * **C2**: Aluminum material with a Blue Anodized finish. * **R0**: RoHS compliant version. --- ### 4. Applications * **Networking Devices:** Routers, switches, and modems. * **Industrial PCs:** Compact systems requiring passive or active cooling. * **Consumer Electronics:** Power supplies and high-speed processors. ---
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole diameter requirements for the pushPIN attachment system?
    • ⤷ How does the thermal resistance change as the airflow (LFM) increases?
    • ⤷ Is there a version of this heat sink with a different finish or material?