ATS-15F-177-C2-R0
AI

The **ATS-15F-177-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for secure and efficient cooling of integrated circuits (ICs) and other PCB components.
---
### Technical Specifications
The following table summarizes the key physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 20.00mm |
| **Fin Type** | Fine-Pitch (Straight) |
| **Thermal Resistance** | 6.18 °C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### Key Electronic & Mechanical Features
#### 1. Push-Pin Attachment Mechanism
Instead of relying on adhesives or complex screws, this part uses a **push-pin** system. This provides:
* **Constant Pressure:** Ensures the heat sink is pressed firmly against the component for optimal heat transfer.
* **Easy Assembly:** Quick installation via pre-drilled holes in the PCB.
* **Vibration Resistance:** Designed to remain secure even in high-vibration environments.
#### 2. Thermal Performance
The unit is engineered for **forced convection** (airflow).
* **Low Flow (100 LFM):** 6.18 °C/W resistance.
* **High Flow (700 LFM):** 1.85 °C/W resistance.
As airflow increases, the efficiency of the heat dissipation improves significantly, making it suitable for server racks or high-speed telecommunications equipment.
#### 3. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a phase-change or high-conductivity material that fills microscopic air gaps between the heat sink and the chip, significantly reducing thermal impedance without the need for manual thermal paste application.
---
### Typical Applications
This specific heat sink size and profile are commonly found in:
* **Networking Gear:** Switches, routers, and hubs.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Regulating heat for MOSFETs or small DC-DC converters.
- ⤷
What are the different types of push-pin materials available for this series?
- ⤷ How does the T766 interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a natural convection environment?