ATS-15F-19-C2-R0
AI

The **ATS-15F-19-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components. It is manufactured by Advanced Thermal Solutions (ATS) as part of their "push pin" series.
---
### 1. Technical Specifications
The part number encodes specific data regarding its physical and thermal characteristics:
| Specification | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Heat Sink Type** | Push Pin (Straight Fin) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 35mm x 35mm x 20mm |
| **Thermal Resistance** | 9.77°C/W (Unducted Flow @ 200 LFM) |
| **Attachment Method** | Plastic Push Pin with Brass Springs |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Design Features
The construction of this part is optimized for airflow and ease of assembly:
* **Straight Fin Profile:** The fins are arranged in a straight pattern, making it ideal for systems with a defined directional airflow (forced convection).
* **Push Pin Mounting:** Instead of using adhesive tapes or thermal epoxy, this model uses a mechanical push-pin system. This provides consistent pressure on the chip, improving heat transfer and allowing for easier removal or rework.
* **Blue Anodized Finish:** The surface treatment is not just aesthetic; anodizing increases the surface emissivity, which slightly improves radiative heat transfer and protects the aluminum from corrosion.
---
### 3. Thermal Performance Context
The "C2" in the part number indicates the thermal performance category and the specific thermal interface material (TIM).
* **T766 TIM:** This is a phase-change material applied to the base. When the component heats up, the material softens to fill microscopic gaps between the chip and the heatsink, significantly reducing thermal resistance.
* **Airflow Dependency:** Thermal resistance drops significantly as airflow increases:
* **@ 200 LFM:** 9.77°C/W
* **@ 500 LFM:** 4.30°C/W
---
### 4. Typical Applications
This heatsink is commonly found in:
1. **Networking Hardware:** Routers, switches, and gateways.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Electronics:** Voltage regulators and high-speed processors that generate moderate heat in a small footprint.
---
- ⤷
What are the specific hole patterns required on a PCB for the ATS-15F-19-C2-R0 push pins?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heatsink be used in a passive cooling environment without fans?