ATS-15F-191-C2-R0
AI

The **ATS-15F-191-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, specifically designed for cooling electronic components like CPUs, GPUs, and other high-heat-density integrated circuits.
---
### 1. Technical Specifications
Below is a breakdown of the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (with Blue Anodized finish) |
| **Dimensions** | 45mm x 45mm x 30mm |
| **Thermal Resistance** | 2.90 °C/W (at 200 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Interface Material** | T766 (High-performance thermal grease) |
| **Regulatory Compliance** | RoHS & REACH Compliant |
---
### 2. Key Design Features
#### A. Fin Geometry (maxiFLOW™)
The heat sink features a **spread-fin pattern**. Unlike traditional straight-fin sinks, these fins flare outwards. This design reduces pressure drop and increases the surface area exposed to airflow, making it highly efficient in forced-air environments.
#### B. pushPIN™ Attachment
Instead of using adhesive tape which can fail over time, this part uses a mechanical **pushPIN™** system:
* **Precision Springs:** Ensure consistent pressure across the surface for optimal heat transfer.
* **Compression:** Prevents the heat sink from shifting during mechanical shock or vibration.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766 thermal grease**. This eliminates the need for manual application during assembly, ensuring a uniform layer between the component and the heat sink base.
---
### 3. Application Use Cases
This part is typically found in:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Embedded Systems:** For industrial PCs where space is limited but heat generation is high.
3. **Power Supplies:** Managing thermal output in DC-DC converters.
---
- ⤷
What are the different types of pushPIN materials available for this heat sink?
- ⤷ How does the thermal resistance change at different airflow (LFM) rates?
- ⤷ Can this heat sink be used with a custom fan attachment?