ATS-15F-197-C2-R0
AI

The **ATS-15F-197-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" series designed for cooling electronic components, typically Integrated Circuits (ICs), BGAs, and processors.
---
## 1. Technical Specifications
Below are the primary mechanical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-15F-197-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm |
| **Thermal Resistance** | 10.90°C/W @ 100 LFM (undirected flow) |
| **Thermal Interface Material** | T766 (Pre-applied Phase Change Material) |
---
## 2. Component Breakdown
### A. Material and Design
* **Aluminum Construction:** Aluminum provides a balance between weight and thermal conductivity.
* **Finned Array:** The device uses a high-density fin structure to maximize surface area, allowing heat to dissipate into the surrounding air more efficiently.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodized layer increases surface emissivity and provides corrosion resistance.
### B. The Attachment Mechanism (Push-Pin)
This part utilizes a **Brass Push-Pin** with a **Compression Spring**.
1. **Uniform Pressure:** The spring ensures consistent pressure across the surface of the chip, improving thermal contact.
2. **Stability:** The push-pin locks into pre-drilled holes in the PCB, preventing the heat sink from shifting during vibration or shipping.
### C. Thermal Interface Material (TIM)
The **C2** suffix in the part number indicates the specific TIM used.
* **T766:** This is a high-performance phase-change material. When the chip heats up, the material softens to fill microscopic air gaps between the chip and the heat sink, significantly reducing thermal resistance compared to a dry fit.
---
## 3. Application Use Cases
This specific heat sink is typically found in:
* **Network Switches/Routers:** Cooling ASICs and high-speed processors.
* **Embedded Systems:** Industrial PCs where vertical space is limited (10mm height).
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
---
- ⤷
What are the different thermal resistance values for this heat sink at varying airflow (LFM)?
- ⤷ Can the push-pin size be customized for different PCB thicknesses?
- ⤷ How does the T766 phase change material compare to standard thermal grease?