ATS-15F-203-C2-R0
AI

The **ATS-15F-203-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient cooling for electronic components like CPUs, GPUs, and other high-power ICs.
---
## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-15F-203-C2-R0 |
| **Heat Sink Type** | pushPIN™ HS |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 8.95°C/W (@ 100 LFM) to 2.22°C/W (@ 700 LFM) |
---
## Key Components and Features
### 1. The Fin Design (XC Cut)
The "XC" design refers to a **Cross-Cut** fin pattern. Unlike straight fins, cross-cut fins allow for multi-directional airflow. This is critical in cramped electronic enclosures where airflow may not be strictly linear.
### 2. Physical Dimensions
The dimensions are standardized for specific PCB footprints:
* **Length/Width:** 54mm x 54mm
* **Height:** 10mm (Low profile)
* **Pitch:** 47mm (Distance between mounting holes)
### 3. Attachment Mechanism: pushPIN™
This part uses a spring-loaded push-pin assembly.
* **Function:** It provides a specific, consistent pressure (clamping force) on the electronic component.
* **Benefit:** Ensures maximum thermal contact between the component and the heat sink without damaging the PCB.
* **Hardware:** Usually consists of a nylon or brass pin and a stainless steel spring.
### 4. Thermal Interface Material (TIM)
The **"C2"** in the part number indicates the type of Thermal Interface Material pre-applied to the base.
* **T766:** This is a high-performance thermal grease applied at the factory to eliminate air gaps between the heat sink and the chip.
---
## Performance Summary (Airflow vs. Thermal Resistance)
| Air Velocity (LFM) | 100 | 300 | 500 | 700 |
| :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 8.95 | 4.08 | 2.96 | 2.22 |
*LFM = Linear Feet per Minute. Lower °C/W values indicate better cooling performance.*
---
## Application Use Cases
* **Embedded Systems:** Due to its low 10mm profile, it fits in 1U server racks and slim industrial PCs.
* **Power Supplies:** Used for cooling MOSFETs and VRMs.
* **Telecommunications:** Cooling of high-speed networking processors.
- ⤷
What are the specific benefits of the 'Blue Anodized' finish on this heat sink?
- ⤷ How does the pushPIN™ system compare to traditional adhesive thermal tapes?
- ⤷ What is the recommended PCB hole size for mounting the ATS-15F-203-C2-R0?