ATS-15F-208-C2-R0
AI

The **ATS-15F-208-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed for cooling electronic components like CPUs, GPUs, or power modules.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by ATS. Below are the primary specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | pushPIN™ Heat Sink |
| **Material** | Aluminum (Body) / Copper (Thermal Interface) |
| **Dimensions** | 50.0mm x 50.0mm x 10.0mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push-pin (Brass) |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
| **Finish** | Blue Anodized |
---
## 2. Key Features and Design
### A. pushPIN™ Attachment System
This heat sink utilizes a specialized push-pin mechanism. The "R0" at the end of the part number indicates the specific spring and pin assembly.
* **Easy Installation:** Designed for tool-free or low-tooling application.
* **Secure Fit:** The springs ensure consistent pressure against the chip, optimizing heat transfer.
### B. Material and Coating
* **Aluminum Body:** Provides a lightweight solution with good thermal conductivity.
* **Blue Anodized Finish:** Increases surface emissivity (improving radiation heat transfer) and provides corrosion resistance.
### C. Thermal Performance
The "C2" in the part number indicates a specific thermal profile. This unit is designed for low-profile applications (10mm height), making it ideal for rack-mounted servers or compact industrial PCs where vertical space is limited.
---
## 3. Application Use Cases
This part is commonly found in the following electronic environments:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Embedded Systems:** Industrial PCs where high airflow might be restricted.
3. **Power Electronics:** Dissipating heat from MOSFETs or Power Management ICs (PMICs).
---
## 4. Part Number Breakdown
Understanding the code helps in selecting variations:
* **ATS:** Advanced Thermal Solutions (Brand).
* **15F:** Series/Family designator.
* **208:** Specific dimensions/fin density code.
* **C2:** Material/Performance class (typically indicates specific thermal resistance).
* **R0:** Packaging and revision code.
- ⤷
What are the alternative attachment methods for ATS heat sinks if push-pins are not suitable?
- ⤷ How does the T766 thermal interface material compare to standard silicone grease?
- ⤷ What is the specific thermal resistance (Celsius per Watt) for the ATS-15F-208-C2-R0 at 200 LFM?