ATS-15F-25-C2-R0
AI

## Technical Analysis of ATS-15F-25-C2-R0
The **ATS-15F-25-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their "blue ice" or high-efficiency push-pin series designed for localized cooling of components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions, Inc. |
| **Part Number** | ATS-15F-25-C2-R0 |
| **Type** | Board Level, Push-Pin Mount |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 6.26°C/W @ 200 LFM |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Fin Style** | XC-Cut (Cross-Cut) |
---
### 2. Physical Dimensions
Precision sizing is critical for ensuring the heat sink fits within the allocated PCB real estate without interfering with surrounding capacitors or inductors.
* **Length:** 60.00 mm
* **Width:** 60.00 mm
* **Height:** 25.00 mm
* **Weight:** Significant enough to require mechanical attachment (Push-Pin).
---
### 3. Key Electronic/Thermal Features
#### A. XC-Cut Fin Design
Unlike standard straight-fin heat sinks, the XC-cut (Cross-Cut) pattern creates a grid of small pins. This increases the surface area and allows for **omni-directional airflow**. This is vital in electronic enclosures where the direction of the cooling fan's exhaust might not be perfectly aligned with the component.
#### B. Push-Pin Attachment Mechanism
Instead of using thermal adhesive (which can fail over time or under high vibration), this part uses a **spring-loaded push-pin** system.
* **Benefits:** Provides consistent downward pressure for optimal thermal interface material (TIM) performance.
* **Reliability:** Highly resistant to shock and vibration compared to "peel-and-stick" solutions.
#### C. Thermal Performance Data
The cooling efficiency depends on the Airflow (Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
|:---|:---|
| 100 (Unducted) | 16.32 |
| 300 | 4.67 |
| 500 | 3.42 |
---
### 4. Part Number Breakdown
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **15F**: Series/Type designation.
* **25**: Height of the heat sink in millimeters (25mm).
* **C2**: Material/Finish code (Blue Anodized).
* **R0**: Revision or RoHS compliance status.
---
### 5. Application Use-Cases
* **Telecommunications:** Cooling high-speed switching silicon.
* **Embedded Systems:** Industrial PCs where mechanical stability is required.
* **Power Electronics:** Dissipating heat from MOSFET arrays or Voltage Regulator Modules (VRMs).
- ⤷What type of thermal interface material (TIM) is recommended for use with this specific heat sink?
- ⤷ How do I calculate the required PCB hole pattern for the push-pin mounting?
- ⤷ Does this model come in different height variants for low-profile enclosures?