ATS-15F-27-C2-R0
AI

The **ATS-15F-27-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for thermal management in electronic assemblies.
---
## Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-15F-27-C2-R0 |
| **Heat Sink Type** | pushPIN™ Heat Sink Assembly |
| **Material** | Aluminum |
| **Fin Style** | Straight (Flat Fin) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimension (L x W)** | 70.00 mm x 70.00 mm |
| **Height (Off Base)** | 12.70 mm |
| **Finish** | Blue Anodized |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## Component Breakdown
### 1. The pushPIN™ Attachment System
The "pushPIN" system is designed to allow for tool-free assembly. It features a flexible spring-loaded mechanism that provides consistent pressure across the component surface, ensuring optimal heat transfer.
### 2. Thermal Performance
The efficiency of this heat sink is measured by its **Thermal Resistance**, which determines how effectively it moves heat away from the chip into the ambient air.
* **High Airflow:** Under high-speed fan conditions, the thermal resistance is significantly lower.
* **Low Airflow:** In passive or low-flow environments, the 12.7mm height provides a larger surface area than standard low-profile sinks.
### 3. Material and Coating
* **Aluminum Construction:** Offers a balance between lightweight design and high thermal conductivity.
* **Blue Anodized Finish:** Not only provides a professional aesthetic but also adds a layer of corrosion resistance and slightly improves radiative heat transfer.
### 4. T766 Thermal Interface Material (TIM)
This part comes with **T766** pre-applied to the base. This eliminates the need for manual thermal paste application, reducing assembly time and ensuring a uniform layer between the heat sink and the electronic component (CPU, GPU, or FPGA).
---
## Typical Applications
This specific size and mounting style are commonly found in:
* **Telecommunications:** Cooling for high-speed processors in routers and switches.
* **Embedded Systems:** Industrial PCs where vertical space is limited to roughly 13mm.
* **Power Electronics:** Dissipating heat from large voltage regulators or MOSFET arrays.
- ⤷
What are the specific thermal resistance values (Celsius/Watt) for this model at different airflow speeds?
- ⤷ Can the push-pin hardware be replaced with screws for high-vibration environments?
- ⤷ How does the 'C2' designation in the part number affect the material composition?