ATS-15F-29-C3-R0
AI

The **ATS-15F-29-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
This part belongs to the **pushPIN™** series, designed for secure and efficient cooling of electronic components like CPUs, GPUs, or FPGAs.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 7.66 °C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material (TIM)** | T412 (High Performance) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific naming convention used by Advanced Thermal Solutions:
* **ATS**: Prefix for Advanced Thermal Solutions.
* **15F**: Refers to the specific series and mounting hardware.
* **29**: Designates the specific fin pattern and size configuration.
* **C3**: Indicates the material/finish (Aluminum with Blue Anodization).
* **R0**: Revision or specific packaging code.
---
### 3. Key Electronic Functions
The purpose of this component is to prevent "Thermal Throttling" or hardware failure in electronic circuits:
* **Heat Dissipation:** It increases the surface area of the heat-generating component (the IC), allowing air to carry heat away more effectively.
* **Spring-Loaded Attachment:** The pushPIN™ mechanism ensures constant, even pressure across the chip surface, which is critical for maximizing the effectiveness of the Thermal Interface Material (TIM).
* **Airflow Optimization:** The straight fin design is optimized for environments where there is a consistent direction of airflow (ducted or unducted).
---
### 4. Integration Example
When designing a PCB, this part is typically represented in the mechanical layer as follows:
```yaml
Component: Heat_Sink_ATS_15F_29_C3_R0
Mounting_Holes: 2 (Diagonal)
Pitch: 38mm (Approximate)
Height_Constraint: 20mm
```
- ⤷
What are the benefits of using a pushPIN attachment over adhesive tape?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance?
- ⤷ What is the weight of this heat sink for mechanical stress calculations?