ATS-15F-31-C2-R0
AI

## Technical Overview: ATS-15F-31-C2-R0
The **ATS-15F-31-C2-R0** is a high-performance **heat sink** component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series, designed for cooling electronic components such as processors, FPGAs, and ASICs that generate significant heat during operation.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-15F-31-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Thermal Resistance** | 25.23°C/W (Unducted) |
| **Dimensions (L x W x H)** | 54mm x 54mm x 10mm |
| **Thermal Interface Material (TIM)** | T766 |
---
### 2. Design and Construction
The "electronic parts" of this assembly are purely mechanical and thermal in nature. Here is the breakdown of the sub-components:
#### A. The Heat Sink Body
* **Geometry:** It features a **Straight Fin** design. This is optimized for airflow that moves linearly across the component.
* **Material:** Extruded aluminum, which offers a high strength-to-weight ratio and excellent thermal conductivity.
* **Surface Treatment:** The **Blue Anodized** finish is not just for aesthetics; it provides corrosion resistance and increases surface emissivity, slightly improving radiant heat transfer.
#### B. The Attachment Mechanism (Push Pins)
* The **"R0"** in the part number signifies the specific attachment kit.
* It utilizes pre-assembled **Push Pins** and **Springs**. The springs ensure a consistent and precise downward pressure (force) on the electronic chip, which is critical for maximizing the efficiency of the thermal interface.
#### C. Thermal Interface Material (TIM)
* The unit comes with **T766** pre-applied to the base.
* **Function:** This material fills the microscopic air gaps between the heat sink base and the electronic component (CPU/GPU), significantly reducing thermal resistance.
---
### 3. Thermal Performance Metrics
Thermal performance varies based on the velocity of the air (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (0.5 m/s)** | 25.23 |
| **200 (1.0 m/s)** | 5.94 |
| **400 (2.0 m/s)** | 2.81 |
| **600 (3.0 m/s)** | 1.88 |
---
### 4. Typical Applications
* **Telecommunications:** Cooling of networking switches and routers.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Supplies:** Heat dissipation for power transistors and MOSFETs.
- ⤷
What is the difference between the C1 and C2 variants in the ATS-15F series?
- ⤷ How do I calculate the required LFM for my specific processor's TDP?
- ⤷ Are there specific PCB hole dimensions required for the push-pin mounting?