ATS-15F-46-C3-R0
AI

The **ATS-15F-46-C3-R0** is a specific electronic component primarily classified as a **High-Performance Heat Sink**. It is manufactured by *Advanced Thermal Solutions (ATS)* and belongs to the **blueICE™** series.
Below is a detailed breakdown of its specifications and electronic/mechanical properties.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-15F-46-C3-R0 |
| **Component Type** | Heat Sink |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
---
### 2. Physical Dimensions
Precision in dimensions is critical for ensuring the heat sink fits within the PCB layout and clears surrounding electronic components.
* **Length:** 25.00 mm
* **Width:** 25.00 mm
* **Height (Fin Depth):** 25.00 mm
* **Pitch (Hole Spacing):** 30.00 mm
---
### 3. Thermal Performance
Thermal resistance is the most important electronic factor, determining how efficiently heat is moved away from the semiconductor (CPU, GPU, or MOSFET).
| Air Flow (LFM) | Velocity (m/s) | Thermal Resistance (Unducted) |
| :--- | :--- | :--- |
| 100 LFM | 0.5 m/s | 11.84 °C/W |
| 300 LFM | 1.5 m/s | 5.53 °C/W |
| 500 LFM | 2.5 m/s | 4.22 °C/W |
| 700 LFM | 3.5 m/s | 3.61 °C/W |
---
### 4. Electronic & Mechanical Features
#### A. pushPIN™ Attachment System
This part uses a specialized **pushPIN™** system rather than adhesive tape.
* **Springs:** Use a high-performance compression spring to ensure even pressure across the component interface.
* **Reliability:** Unlike thermal tape, this mechanical fix prevents the heat sink from shifting due to vibration or high heat cycles.
#### B. Fine Pitch Fin Design
The "F" in the part number often denotes the fin density. This specific model uses a **Fine-Pitch** design, which provides a larger surface area for heat dissipation, making it suitable for environments with high airflow.
#### C. Thermal Interface Material (TIM)
* **Pre-applied:** This specific part number comes with **T412** thermal interface material.
* **Function:** T412 is a high-efficiency phase-change material that fills microscopic air gaps between the component and the heat sink to maximize heat transfer.
---
### 5. Common Applications
* **BGA Cooling:** Used for Ball Grid Array processors.
* **Power Supplies:** Cooling voltage regulators.
* **Telecommunications:** High-speed data processing chips that generate significant heat in a small footprint.
---
- ⤷
What is the difference between T412 and other thermal interface materials used by ATS?
- ⤷ How do I calculate the required LFM for my specific electronic component?
- ⤷ Does this heat sink come in different finishes or colors for specific EMI requirements?