ATS-15F-54-C2-R0
AI

The **ATS-15F-54-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Thermal Resistance** | 7.00°C/W (Unducted) |
| **Fin Style** | Straight Fin (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring Loaded) |
| **Dimensions** | 35mm x 35mm x 35mm |
| **Compliance** | RoHS & REACH Compliant |
---
### 2. Physical Design Features
The "C2" and "R0" designations in the part number refer to specific material and finish characteristics:
* **Heat Sink Material:** Extruded aluminum, which offers a high thermal conductivity to weight ratio.
* **Fin Configuration:** The straight-fin design is optimized for environments where there is a steady airflow, allowing heat to dissipate from the vertical surfaces.
* **Attachment Mechanism:** Uses the **pushPIN™ system**. This includes a brass pin and a stainless steel spring that ensures a precise amount of pressure is applied to the electronic component, maximizing thermal interface contact.
* **Finish:** Blue Anodized. This thin coating protects the aluminum from corrosion and slightly improves radiant heat transfer.
---
### 3. Application in Electronics
Electronic parts like the ATS-15F-54-C2-R0 are critical for maintaining the **junction temperature** of semiconductors.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with high-performance thermal phase-change material to ensure no air gaps exist between the chip and the heat sink.
* **Target Components:** It is sized for square packages (35mm) typically found in networking switches, industrial controllers, and power supplies.
---
### 4. Part Number Breakdown
```text
ATS - 15 - F - 54 - C2 - R0
| | | | | |
| | | | | Revision/Packaging
| | | | Thermal Interface Material/Finish
| | | Height (35mm)
| | Fin Pitch/Type
| Series (pushPIN™)
Brand
```
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Can the pushPIN attachment be used on any PCB layout?
- ⤷ What are the benefits of the Blue Anodized finish over a plain finish?