ATS-15F-66-C2-R0
AI

The **ATS-15F-66-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions, Inc. (ATS). It is part of their "pushPIN™" thermal management line, designed for cooling high-heat-generating electronic components like BGA processors and ASICs.
### 1. Technical Specifications
The following table highlights the core mechanical and thermal properties of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Thermal Resistance** | 5.77 °C/W (at 100 LFM) |
| **Fin Pattern** | Cross-Cut (Square) |
| **Finish** | Blue Anodized |
---
### 2. Electronic/Thermal Performance
The primary role of this part is **heat dissipation**. In electronic systems, as current flows through a semiconductor, it generates heat. The ATS-15F-66-C2-R0 manages this via:
* **Thermal Resistance Curve:** The efficiency of this heat sink scales with airflow. At 1.0 m/s (200 LFM) of airflow, the thermal resistance drops significantly to approximately **2.01 °C/W**, allowing the chip to run cooler under load.
* **Fin Geometry:** The "Cross-Cut" design allows for multi-directional airflow. This is critical in crowded PCB environments where air might not flow in a straight line.
* **Phase Change Material (TIM):** This part usually comes with a pre-applied Thermal Interface Material (T766) to ensure low thermal impedance between the component and the heat sink.
---
### 3. Physical Interface and Installation
The "R0" at the end of the part number signifies the specific mounting hardware and finish.
* **Push-Pin Attachment:** Instead of messy adhesives or heavy screw-mounts, this uses a spring-loaded push-pin mechanism.
* **Hole Pattern:** It requires specific drill holes on the PCB (usually 3.0mm diameter) spaced to match the 45mm x 45mm footprint.
* **Spring Force:** The springs provide precise, consistent pressure on the electronic component to maximize thermal transfer without crushing the silicon die.
---
### 4. Applications in Electronics
You will typically find the **ATS-15F-66-C2-R0** in the following environments:
1. **Telecommunications:** Networking switches and routers.
2. **Embedded Systems:** Industrial PCs and high-speed controllers.
3. **Power Supplies:** Cooling MOSFETs or power conversion modules.
4. **Data Centers:** Server motherboards and storage arrays.
- ⤷
What is the difference between Blue Anodized and other finishes for heat sinks?
- ⤷ How do I calculate if this thermal resistance is sufficient for my specific CPU?
- ⤷ Can push-pin heat sinks be reused after being removed from a PCB?