ATS-15F-72-C3-R0
AI

The **ATS-15F-72-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink** from the *maxiFLOW™* series.
---
### 1. Technical Specifications
This part is designed for cooling high-power electronic components like FPGAs, CPUs, and GPUs.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Product Line** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Flowing Air)** | 1.81°C/W @ 200 LFM |
| **Thermal Resistance (Static Air)** | 5.07°C/W |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 35.00mm |
---
### 2. Key Components & Design Features
#### A. Fin Geometry (maxiFLOW™)
The "maxiFLOW" design uses a tapered fin structure. Unlike standard straight fins, these are designed to maximize surface area and increase air turbulence, which significantly improves heat dissipation efficiency in constrained spaces.
#### B. pushPIN™ Attachment
The **-R0** suffix indicates the inclusion of the pushPIN™ attachment system. This consists of:
* **Compression Springs:** Provide precise pressure to ensure optimal thermal interface contact.
* **Brass/Plastic Pins:** Secure the heat sink to the PCB through pre-drilled holes.
#### C. Thermal Interface Material (TIM)
Usually, these units come pre-applied with a high-performance thermal pad or phase-change material on the base to bridge the microscopic air gaps between the heat sink and the electronic chip.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **15F** | Series/Specific Design Profile |
| **72** | Specific Fin Configuration/Size Code |
| **C3** | Thermal Performance/Material Class |
| **R0** | Revision / Packaging / Attachment style |
---
### 4. Applications
* **Telecommunications:** Cooling high-speed networking switches.
* **Industrial PC:** Ruggedized systems requiring passive or assisted airflow cooling.
* **Power Supplies:** Managing heat in DC-DC converters.
- ⤷
What is the difference between pushPIN and adhesive mounting for this heat sink?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for my specific chip?
- ⤷ Are there low-profile alternatives to the 35mm height of this model?