AI

The **ATS-15F-77-C3-R0** is a high-performance electronic thermal management component, specifically a **Pin Fin Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like BGA (Ball Grid Array) chips, FPGAs, and processors.
---
## 1. Technical Specifications
The following table details the physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (with Springs) |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 30.00mm |
| **Thermal Resistance (Flowing)** | 9.58°C/W @ 100 LFM to 2.34°C/W @ 700 LFM |
| **Thermal Resistance (Static)** | 1.87°C/W (Under high flow conditions) |
| **Weight** | 33 grams |
---
## 2. Key Design Components
### A. Material and Coating
* **Aluminum Body:** Provides a high thermal conductivity-to-weight ratio, ensuring efficient heat transfer from the heat source to the air.
* **Blue Anodized Finish:** Not only provides corrosion resistance but also slightly increases surface emissivity for improved radiative cooling.
### B. Pin Fin Geometry
Unlike traditional straight-fin heat sinks, the pin-fin design is effective in environments where the airflow direction is unpredictable or multi-directional. The pins break up the boundary layer of air, increasing turbulence and enhancing heat dissipation.
### C. Attachment Mechanism (pushPIN™)
The part utilizes a specialized mounting system:
* **Push Pins:** Plastic or brass pins that snap into pre-drilled holes on the PCB.
* **Compression Springs:** These ensure a precise and consistent downward force (pressure) onto the component, optimizing the thermal interface material (TIM) performance.
---
## 3. Applications
The ATS-15F-77-C3-R0 is typically used in space-constrained applications requiring high thermal performance, such as:
1. **Telecommunications:** Routers, switches, and base stations.
2. **Embedded Computing:** Industrial PC boards and compact servers.
3. **Power Electronics:** DC-DC converters and high-speed motor controllers.
---
## 4. Thermal Performance Comparison
Thermal resistance is critical; the lower the °C/W value, the better the cooling:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 9.58 |
| 300 (1.5 m/s) | 3.69 |
| 500 (2.5 m/s) | 2.67 |
| 700 (3.5 m/s) | 2.34 |
- ⤷
What are the PCB hole requirements for mounting the pushPIN™ system?
- ⤷ How does the 'C3' suffix in the part number affect the thermal interface material?
- ⤷ Can this heat sink be used with a custom fan shroud for improved airflow?