ATS-15F-80-C3-R0
AI

## Technical Overview: ATS-15F-80-C3-R0
The **ATS-15F-80-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** product line, designed for cooling high-power semiconductors and integrated circuits.
---
### 1. Key Technical Specifications
| Parameter | Value / Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-15F-80-C3-R0 |
| **Product Series** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Material** | Aluminum (Anodized) |
| **Thermal Resistance** | 1.92°C/W (at 200 LFM) |
| **Dimensions** | 36.83mm x 46.45mm |
| **Height** | 9.50mm |
---
### 2. Design and Construction Features
#### A. Fin Geometry (maxiFLOW™)
This part utilizes a unique **flared fin** structure. Unlike traditional straight-fin heat sinks, the maxiFLOW design increases the surface area and creates turbulence in the airflow, which significantly improves heat dissipation efficiency in constrained spaces.
#### B. The pushPIN™ Attachment System
The "R0" designation refers to the specific attachment mechanism:
* **Secure Fit:** Uses a brass pin and a stainless steel spring.
* **Constant Pressure:** Ensures a reliable interface between the heat sink and the chip, maximizing thermal transfer.
* **Installation:** Requires pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The "C3" in the part number indicates that the heat sink comes pre-applied with a **Phase Change Material (PCM)** or high-performance thermal pad. This eliminates the need for manual application of thermal grease during assembly.
---
### 3. Thermal Performance Metrics
Thermal resistance is critical for determining if this part can cool a specific processor.
| Air Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 1.92 |
| 400 | 2.0 | 0.98 |
| 600 | 3.0 | 0.73 |
---
### 4. Typical Applications
This component is generally used for cooling:
* **ASICs & FPGAs:** High-density logic chips.
* **Processors:** Low to medium-profile CPUs in embedded systems.
* **Network Equipment:** Switches and routers where vertical space is limited (9.5mm height).
- ⤷
What are the PCB hole size requirements for the pushPIN attachment system?
- ⤷ How does the 'C3' thermal material compare to standard thermal grease?
- ⤷ Is there a version of this heat sink with a higher profile for better cooling?