ATS-15G-07-C2-R0
AI

The **ATS-15G-07-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for securing the cooling element to a PCB.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Type** | Top Mount / Push Pin |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 12.7mm |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Thermal Resistance** | 17.00°C/W (at 100 LFM) |
---
### 2. Design and Engineering Features
### A. Material and Coating
The unit is constructed from **AL6063 aluminum**, which offers an excellent balance between thermal conductivity and weight. The **Blue Anodized** finish is not just aesthetic; it provides:
* Increased corrosion resistance.
* Improved surface emissivity for better radiation heat transfer.
### B. Thermal Performance
This heat sink is designed for **Fine Pitch** applications. The thermal resistance varies based on airflow:
* **Low Flow (100 LFM):** ~17.00°C/W
* **High Flow (700 LFM):** ~1.90°C/W
This indicates that the part is highly efficient in environments with active cooling (fans).
### C. Mechanical Attachment
The "C2" in the part number indicates the specific push-pin and spring configuration:
* **Push-Pin:** Allows for easy installation and consistent pressure across the interface material (TIM).
* **Spring Type:** Provides high-tension force to ensure the heat sink remains flush against the component (BGA/Processor).
---
### 3. Common Applications
This specific footprint (45mm x 45mm) and low profile (12.7mm) make it suitable for:
1. **Networking Hardware:** Switches and routers.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Electronics:** Voltage regulators and high-speed chipsets.
4. **Telecom:** Base station processing units.
---
- ⤷What is the hole-to-hole spacing for the push-pin mounting on this model?
- ⤷ Does this heat sink come with pre-applied Thermal Interface Material (TIM)?
- ⤷ Are there taller versions of the ATS-15G series for better passive cooling?