ATS-15G-101-C2-R0
AI

The **ATS-15G-101-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number itself follows a specific nomenclature that defines its physical and thermal characteristics.
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions | Model series: pushPIN™ |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Fin Type** | XC-CUT (Cross-Cut) | Optimized for multi-directional airflow |
| **Attachment Method** | pushPIN™ | Uses plastic pins and springs for secure mounting |
| **Thermal Resistance** | 1.40°C/W (at 200 LFM) | Lower value indicates better cooling |
| **Dimensions** | 45mm x 45mm x 20mm | Standard square footprint |
| **Finish** | Blue Anodized | Protects against corrosion and improves radiation |
---
### 2. Key Electronic Components Features
#### A. The pushPIN™ System
Unlike traditional adhesive-based heat sinks, this part uses a mechanical spring-loaded system.
* **Mechanical Integrity:** Provides a specific, consistent pressure (preload) on the electronic chip, ensuring the thermal interface material (TIM) works efficiently.
* **Ease of Maintenance:** Can be removed and reattached without damaging the PCB.
#### B. Cross-Cut (XC) Fin Design
The fins on this heat sink are cut in both vertical and horizontal directions.
* **Airflow Flexibility:** Standard straight fins require air to flow in one specific direction. The XC-cut allows air from any angle to pass through, making it ideal for crowded electronic enclosures.
* **Surface Area:** Increases the total surface area available for heat transfer to the ambient environment.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number typically refers to the **T766 thermal phase change material** or a high-performance thermal grease pre-applied to the base.
* **Function:** Fills microscopic air gaps between the component surface and the heat sink base to minimize thermal impedance.
---
### 3. Application Use Cases
This part is commonly found in the following electronic systems:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Power Electronics:** Dissipating heat from MOSFETs or IGBTs.
3. **Embedded Systems:** Industrial PCs where mechanical vibration resistance is required (provided by the pushPIN™ attachment).
---
- ⤷What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ What are the compatible PCB hole patterns for the pushPIN™ attachment?