ATS-15G-35-C2-R0
AI

### Technical Overview: ATS-15G-35-C2-R0
The **ATS-15G-35-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, specifically designed for cooling electronic components such as processors, FPGAs, and ASICs where space is limited but thermal demands are high.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-15G-35-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimension (L x W x H)** | 35mm x 35mm x 10mm |
| **Thermal Resistance** | 12.00 °C/W (Unducted Flow @ 200 LFM) |
| **Interface Material** | T766 (Thermal Tape/Grease) |
---
### 2. Physical Design & Construction
* **maxiFLOW™ Geometry:** The heat sink features a unique spread-fin design. This geometry maximizes the surface area for heat dissipation while minimizing the pressure drop, allowing for better airflow through the fin array.
* **pushPIN™ Attachment:** The "R0" at the end of the part number indicates the use of a pushPIN™ mounting system. This system includes a flexible, high-performance compression spring that provides consistent pressure to ensure optimal thermal contact between the heat sink and the component.
* **Blue Anodized Finish:** The aluminum body is treated with a blue anodized coating, which provides corrosion resistance and increases thermal emissivity.
---
### 3. Thermal Performance (Airflow Data)
The efficiency of this part is highly dependent on the velocity of the air moving through the system (measured in Linear Feet per Minute - LFM).
| Air Velocity (LFM) | Thermal Resistance (Unducted) | Thermal Resistance (Ducted) |
| :--- | :--- | :--- |
| 200 (1.0 m/s) | 12.00 °C/W | 3.50 °C/W |
| 400 (2.0 m/s) | 6.50 °C/W | N/A |
| 600 (3.0 m/s) | 4.80 °C/W | N/A |
---
### 4. Component Composition (Bill of Materials)
1. **Heat Sink Body:** Extruded Aluminum (6063).
2. **Springs:** Stainless steel or music wire with a reliable compression rate.
3. **Pins:** Nylon or Brass (depending on specific revision) to secure the unit to the PCB.
4. **Thermal Interface Material (TIM):** Pre-applied T766 phase-change material or high-conductivity tape to eliminate air gaps.
---
### 5. Application Use Cases
* **Telecommunications:** Cooling of high-speed networking chips.
* **Computing:** Secondary cooling for chipsets on motherboards.
* **Industrial:** Protection for power-sensitive components in confined enclosures.
- ⤷
What are the PCB hole requirements for the pushPIN™ mounting system?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Is there a version of this heat sink with a higher profile for better cooling?