Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-15G-52-C2-R0

  • AI
    The **ATS-15G-52-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their high-performance **maxiFLOW™** series of heat sinks, primarily used for cooling integrated circuits (ICs) and other electronic components. --- ## 1. Component Overview This part is a high-performance heat sink designed for thermal management in applications where space is limited but high power dissipation is required. ### Specifications Table | Feature | Description | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | maxiFLOW™ | | **Part Number** | ATS-15G-52-C2-R0 | | **Material** | Aluminum (Black Anodized) | | **Attachment Method** | pushPIN™ | | **Thermal Resistance** | ~1.07 °C/W (at high airflow) | | **Dimensions** | 45.00mm x 45.00mm | | **Height** | 25.00mm | --- ## 2. Key Electronic Features ### A. maxiFLOW™ Design The heat sink features a tapered fin design. In electronic systems, this maximizes the surface area to volume ratio, allowing for better heat transfer via convection while minimizing pressure drop across the component. ### B. pushPIN™ Attachment Unlike adhesive-based heat sinks, the `-R0` suffix indicates a **pushPIN™** attachment system. This is critical for electronics because: * It provides a **precise, consistent pressure** on the chip to optimize the Thermal Interface Material (TIM). * It allows for **secure mounting** in high-vibration environments. * The pins are typically brass or plastic with a stainless steel spring. ### C. Material and Finish * **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties. * **Black Anodized:** The finish increases **emissivity**, which helps the electronic part dissipate heat through radiation in addition to convection. --- ## 3. Component Dimensions (Internal Layout) | Dimension | Value (mm) | | :--- | :--- | | **Length (A)** | 45.00 | | **Width (B)** | 45.00 | | **Height (C)** | 25.00 | | **Pitch (E)** | 38.00 | | **Pitch (F)** | 38.00 | --- ## 4. Typical Applications This part is commonly found on the following electronic components: * **Processors (CPUs/GPUs):** For low-to-medium power embedded chips. * **FPGAs:** Especially in networking gear where high airflow is present. * **ASICs:** In telecommunications equipment. * **Power Supplies:** Specifically for high-density power modules.
    ✨ Follow-up Questions
    • ⤷What is the thermal resistance of this heat sink at different air flow speeds (LFM)?
    • ⤷ What are the compatible Thermal Interface Materials (TIM) for the ATS-15G series?
    • ⤷ Can this heat sink be used with BGA packages?