ATS-15H-101-C3-R0
AI

The **ATS-15H-101-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The following table highlights the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Fin Type** | Straight |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 6.77 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.23 °C/W @ 100 LFM |
| **Pressure Flow** | High Flow / Low Pressure Drop |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the exact features of the component:
* **ATS**: Advanced Thermal Solutions (Manufacturer).
* **15**: Internal product series.
* **H**: Fin pitch/profile indicator (High performance).
* **101**: Specific model geometry (45x45x30mm).
* **C3**: Material/Finish code (Typically indicates Aluminum with a specific thermal interface material).
* **R0**: Revision or RoHS compliance status.
---
### 3. Key Electronic Functions
The ATS-15H-101-C3-R0 serves several critical roles in an electronic assembly:
* **Heat Dissipation:** It increases the surface area of a hot component, allowing air to carry away heat more effectively via convection.
* **Thermal Interface:** It is usually paired with a Thermal Interface Material (TIM) to bridge the microscopic air gaps between the chip and the metal surface.
* **Mechanical Stability:** The `pushPIN™` mechanism uses a brass attachment and a stainless steel spring to provide consistent pressure, ensuring optimal thermal contact while preventing damage from vibration.
---
### 4. Typical Application Example
In a real-world scenario, this part would be mounted on a PCB as follows:
```yaml
Component: FPGA / Processor
Cooling Method: Active (Fan-assisted) or Passive
Attachment:
- Through-hole mounting (PCB holes)
- Spring-loaded pins for constant tension
Interface: Pre-applied Thermal Phase Change Material
```
---
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ How do I calculate the required pressure for the pushPIN attachment?
- ⤷ Are there alternative finishes to Blue Anodized for better thermal radiation?