ATS-15H-52-C2-R0
AI

## Technical Specifications for ATS-15H-52-C2-R0
The **ATS-15H-52-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** series, designed for efficient thermal management of electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Fin Style** | Straight |
| **Pattern** | Fine-Pitch |
| **Thermal Resistance (Unducted)** | 10.79 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.88 °C/W @ 100 LFM |
| **Dimensions** | 35mm x 35mm x 15mm |
---
### 2. Component Breakdown
#### A. The Heat Sink Body
The body is constructed from **Aluminum**, providing a balance between thermal conductivity and weight. The **Blue Anodized** finish is not just for aesthetics; it increases surface emissivity and provides corrosion resistance.
#### B. The PushPIN™ Mechanism
Instead of using messy thermal adhesives or complex screws, this part uses the ATS pushPIN™ system.
* **Engagement:** It uses a flexible pin and a stainless steel spring.
* **Pressure:** The spring provides precise, uniform pressure across the thermal interface material (TIM), ensuring maximum heat transfer.
#### C. Fin Design
The **Fine-Pitch** straight fin design is optimized for high-velocity airflow environments. By increasing the surface area within a compact 35mm footprint, it allows heat to dissipate more rapidly into the air stream.
---
### 3. Thermal Performance Matrix
Thermal resistance measures how effectively the part moves heat away from the electronic component. Lower numbers indicate better performance.
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :---: | :---: | :---: | :---: | :---: |
| **Unducted Flow (°C/W)** | 10.79 | 3.88 | 2.23 | 1.61 | 1.30 |
| **Ducted Flow (°C/W)** | 1.88 | 1.18 | 0.96 | 0.84 | 0.77 |
---
### 4. Application Use Cases
* **Embedded Systems:** Ideal for cooling processors in compact enclosures.
* **Telecommunications:** Used in routers and switches where vertical space (15mm) is limited.
* **Power Electronics:** Cooling of MOSFETs or voltage regulators.
---
- ⤷
What are the mounting hole requirements for the pushPIN system on this heat sink?
- ⤷ How does the 'Blue Anodized' finish compare to 'Black Anodized' in terms of thermal performance?
- ⤷ Can this heat sink be used with a pre-applied Thermal Interface Material (TIM)?