ATS-15H-83-C2-R0
AI

The **ATS-15H-83-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 20.00mm |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 1.62°C/W (at 100 LFM) |
| **Airflow Pattern** | Cross-Cut (Omnidirectional) |
---
### 2. Design and Component Breakdown
#### A. The Fin Design (Cross-Cut)
The "83" in the part number refers to a specific fin configuration. This model uses a **cross-cut** pattern, which creates a grid of small square or rectangular pillars.
* **Benefit:** This allows air to flow through the heat sink from any direction (omnidirectional), making it ideal for enclosures where airflow direction might be unpredictable.
#### B. Attachment Mechanism (pushPIN™)
The part utilizes the ATS pushPIN™ system, which consists of:
* **Compression Springs:** These provide precise, even pressure across the thermal interface material (TIM) to ensure maximum heat transfer.
* **Push-Pins:** These snap into pre-drilled holes on the PCB, making installation fast and secure without the need for tools.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the heat sink comes with a **pre-applied thermal interface material** (usually a phase-change material or high-performance grease). This fills the microscopic air gaps between the component and the heat sink.
---
### 3. Application Use Cases
This specific heat sink is categorized as a "High-Flow" design, suitable for:
* **Embedded Systems:** Industrial PCs where space is limited but cooling is critical.
* **Telecommunications:** Network switches and routers.
* **Power Supplies:** Cooling voltage regulators or power MOSFETs.
---
### 4. Thermal Performance Comparison (LFM)
Thermal resistance decreases as the velocity of the air (Linear Feet per Minute) increases:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
|:---|:---|
| 100 (0.5 m/s) | 1.62 |
| 300 (1.5 m/s) | 1.05 |
| 500 (2.5 m/s) | 0.88 |
- ⤷
How do I determine the correct hole spacing on a PCB for the pushPIN attachment?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in thermal performance?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied TIM?