ATS-15H-99-C2-R0
AI

The **ATS-15H-99-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The following table outlines the key physical and thermal properties of this specific model:
| Attribute | Specification |
| :--- | :--- |
| **Part Number** | ATS-15H-99-C2-R0 |
| **Heat Sink Type** | pushPIN™ Heat Sink Assembly |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 45.00mm x 45.00mm |
| **Height** | 20.00mm |
| **Fin Style** | Fine Pitch (cross-cut) |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### 2. Design Characteristics
This part belongs to the **pushPIN™** series, which is engineered for secure and efficient attachment.
* **Fin Design:** It features a high-density "Fine Pitch" pattern. This increases the surface area available for convection, making it highly effective in environments with directed airflow.
* **Attachment Mechanism:** It utilizes a spring-loaded pushPIN system. This ensures a consistent pressure (mounting force) across the component, which optimizes the heat transfer between the chip and the sink.
* **Thermal Interface Material (TIM):** The "C2" in the part number indicates it comes with a high-performance thermal grease pre-applied, reducing assembly time and ensuring a low thermal resistance path.
---
### 3. Thermal Performance Indicators
Thermal resistance is measured based on the velocity of the air passing through the fins (LFM - Linear Feet per Minute):
| Airflow Velocity | Thermal Resistance (°C/W) |
| :--- | :--- |
| **Unducted Flow (200 LFM)** | ~11.52 |
| **Ducted Flow (200 LFM)** | ~1.72 |
---
### 4. Typical Applications
The ATS-15H-99-C2-R0 is commonly used in:
1. **Telecommunications:** Networking switches and routers.
2. **Industrial PC:** Embedded controllers that require compact but robust cooling.
3. **Power Electronics:** Cooling MOSFETs or Voltage Regulator Modules (VRMs).
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ How does the pushPIN mounting system compare to adhesive tapes?
- ⤷ What are the benefits of the AL6063 aluminum alloy in heat sinks?