ATS-16A-07-C2-R0
AI

## Technical Overview of ATS-16A-07-C2-R0
The **ATS-16A-07-C2-R0** is a high-performance **heat sink** assembly manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **blueICE™** series, specifically designed for cooling electronic components like CPUs, GPUs, and FPGAs in high-airflow environments.
---
### 1. Component Specifications
The following table highlights the core physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-16A-07-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 12.70mm |
| **Thermal Resistance** | 16.97°C/W (Unducted Flow @ 200 LFM) |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
### 2. Key Electronic & Mechanical Parts
#### A. The Heat Sink Body
* **Design:** It features a **Straight Fin** pattern. This geometry is optimized for high-velocity airflow (ducted or unducted) where air can pass through the fins with minimal resistance.
* **Material:** Constructed from high-grade aluminum to balance weight and thermal conductivity. The blue anodized finish provides corrosion resistance and increased emissivity.
#### B. The pushPIN™ Attachment System
Instead of simple adhesive tapes that can fail under high heat, this part uses a mechanical **pushPIN™** system:
* **Springs:** Provides consistent pressure to ensure a secure interface between the heat sink and the chip.
* **Plastic/Brass Pins:** Designed to lock into pre-drilled holes on the PCB.
* **Function:** Ensures the heat sink does not shift during vibration or shipping, which is critical for industrial electronics.
#### C. Thermal Interface Material (TIM)
* **T766:** This is a phase-change or high-performance thermal grease pre-applied to the base.
* **Purpose:** It fills the microscopic air gaps between the electronic component (heat source) and the aluminum base of the heat sink to maximize heat transfer efficiency.
---
### 3. Thermal Performance Data
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 16.97 |
| 400 | 2.0 | 6.22 |
| 600 | 3.0 | 4.05 |
| 800 | 4.0 | 3.21 |
---
### 4. Typical Applications
* **Network Switches/Routers:** Cooling high-speed processors.
* **Embedded Systems:** Industrial PCs where mechanical stability is required.
* **Power Supplies:** Heat dissipation for MOSFETs or voltage regulators.
- ⤷
What is the difference between straight fin and cross-cut fin designs in ATS heat sinks?
- ⤷ How do I calculate the required hole pattern on my PCB for the pushPIN attachment?
- ⤷ Can the T766 thermal interface material be replaced with a different compound for higher heat loads?