ATS-16A-101-C2-R0
AI

The **ATS-16A-101-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series, designed specifically for cooling electronic components such as CPUs, GPUs, and other high-power ICs.
### 1. Technical Specifications
The part is defined by its material composition, fin structure, and mounting mechanism.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 6.67°C/W @ 200 LFM |
| **Pressure Drop** | 0.47 in-H2O @ 200 LFM |
---
### 2. Physical Dimensions
Precision sizing is critical for ensuring the heat sink fits within the allocated PCB real estate without interfering with surrounding components.
* **Length:** 40.00 mm
* **Width:** 40.00 mm
* **Height:** 20.00 mm
* **Weight:** Approximately 25-30 grams (varies slightly by batch)
---
### 3. Electronic & Thermal Performance
The primary function of this part is to dissipate heat generated by electronic components into the surrounding air.
* **Thermal Conductivity:** The aluminum construction provides high thermal conductivity to pull heat away from the die.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodized layer increases **emissivity**, which slightly improves radiative cooling and protects the aluminum from corrosion and electrical shorting in case of accidental contact.
* **Flow Dynamics:** The straight fin design is optimized for **forced-air cooling** (airflow from a fan). It offers low resistance to airflow, making it efficient in high-density electronic enclosures.
---
### 4. Mounting Mechanism (The "Push Pin")
The "C2-R0" suffix denotes the specific mounting hardware:
1. **Push Pin:** Made of brass, these provide a secure, vibration-resistant connection to the PCB.
2. **Springs:** The compression springs ensure a constant and specific **Downward Pressure** (load). This is vital because it ensures the Thermal Interface Material (TIM) is compressed evenly, reducing the "contact resistance" between the chip and the heat sink.
---
### 5. Typical Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** Networking switches and routers.
* **Power Electronics:** Voltage regulators and high-speed processors.
- ⤷
What is the difference between straight fin and cross-cut fin designs in the ATS series?
- ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷ Is a thermal interface material (TIM) pre-applied to the ATS-16A-101-C2-R0?