ATS-16A-41-C2-R0
AI

The **ATS-16A-41-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for efficient cooling of semiconductors and integrated circuits (ICs).
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 10.02 °C/W (Unducted Flow @ 100 LFM) |
| **Dimensions** | 40mm x 40mm x 25mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Fin Style** | Straight Fin |
---
### 2. Key Component Features
* **Push-Pin Attachment:** The part utilizes a brass push-pin mechanism with a compression spring. This ensures a secure attachment to the PCB (Printed Circuit Board) and provides consistent pressure for optimal thermal interface material (TIM) performance.
* **High-Aspect Ratio Fins:** The "straight fin" design is engineered to maximize surface area while maintaining a low pressure drop, making it ideal for systems with forced-air cooling (fans).
* **Blue Anodized Coating:** The surface treatment is not just aesthetic; it increases thermal emissivity and provides a durable, corrosion-resistant outer layer.
* **Pre-drilled Holes:** It comes with pre-drilled holes specifically spaced for industry-standard PCB layouts.
---
### 3. Application Use Cases
The ATS-16A-41-C2-R0 is typically used to cool the following electronic components:
1. **CPUs / Microcontrollers:** High-processing units that generate significant localized heat.
2. **FPGAs:** Field Programmable Gate Arrays that require stable temperatures for timing accuracy.
3. **Power Semiconductors:** Transistors or MOSFETs used in power conversion.
4. **Telecom Equipment:** High-density boards where vertical space (25mm height) is available but horizontal space is limited to 40x40mm.
---
### 4. Thermal Performance Comparison
Thermal resistance varies based on airflow speed (LFM - Linear Feet per Minute):
| Airflow Speed (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural/Low) | 10.02 |
| 300 (Moderate) | 3.65 |
| 500 (High) | 2.52 |
- ⤷
What are the specific hole spacing dimensions for the push-pin mounting?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
- ⤷ What are the advantages of blue anodized finish over black anodized?