ATS-16A-83-C2-R0
AI

## Technical Overview of ATS-16A-83-C2-R0
The **ATS-16A-83-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from the Advanced Thermal Solutions (ATS) "maxiFLOW" series. It is designed to dissipate heat from surface-mount components like BGA (Ball Grid Array) packages.
### 1. Key Technical Specifications
The following table outlines the mechanical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Brass Pins) |
| **Thermal Resistance** | 1.60°C/W @ 100 LFM (Linear Feet per Minute) |
| **Dimensions (L x W)** | 30.00 mm x 30.00 mm |
| **Height (Fin)** | 20.00 mm |
| **Spring Type** | Stainless Steel (ATS-PPS-16) |
---
### 2. Component Design Features
#### A. maxiFLOW™ Fin Geometry
The "maxiFLOW" design uses a tapered fin structure. This geometry is engineered to:
* Increase surface area for maximum heat convection.
* Reduce pressure drop, allowing more air to flow through the sink.
* Optimize performance in environments with constrained airflow.
#### B. pushPIN™ Attachment System
Instead of using messy thermal adhesives or fragile clips, this part uses a **pushPIN™** mechanism:
* **Precision Springs:** Provides a consistent "Force-on-Die" to ensure optimal thermal interface material (TIM) contact.
* **Hardware:** Features a brass pin and a stainless steel spring for high durability and vibration resistance.
* **Bore Hole:** Requires specific pre-drilled holes in the PCB for mounting.
#### C. Thermal Interface Material (TIM)
The part typically comes with a pre-applied **T766 Phase Change Material** or similar high-performance thermal pad on the base to ensure immediate high-conductivity contact with the chip.
---
### 3. Application Use Cases
This specific heat sink is commonly found in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Electronics:** Voltage regulators and power modules that generate concentrated heat in a 30x30mm footprint.
---
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does the thermal resistance change at higher airflows like 500 LFM?
- ⤷ Can this heat sink be used with a different thermal interface material?