ATS-16B-01-C3-R0
AI

The **ATS-16B-01-C3-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "Blue" high-performance heat sink line, designed for cooling integrated circuits (ICs) and other electronic components.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-16B-01-C3-R0 |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Straight |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 10.00mm |
| **Thermal Resistance** | 22.05°C/W (at 200 LFM) |
---
## 2. Component Features
### A. Material and Coating
* **Aluminum Construction:** Provides a lightweight yet effective medium for heat dissipation.
* **Blue Anodized Coating:** This is not purely aesthetic; the anodization protects the aluminum from corrosion and slightly increases emissivity for better radiant cooling.
### B. The pushPIN™ Attachment System
This part uses a proprietary attachment mechanism that includes:
* **Brass Push Pins:** Pre-installed for easy PCB mounting.
* **Stainless Steel Springs:** Provide the necessary compression force (pressure) between the heat sink and the component to ensure optimal thermal contact.
### C. Thermal Interface Material (TIM)
* The **"C3"** in the part number indicates that the heat sink comes pre-applied with a high-performance **T766 Phase Change Material**. This eliminates the need for manual thermal paste application.
---
## 3. Thermal Performance Data
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Static) | 25.30 |
| 200 | 22.05 |
| 300 | 18.00 |
| 400 | 15.00 |
---
## 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **ATS:** Advanced Thermal Solutions.
* **16B:** Series identifier.
* **01:** Dimensional code.
* **C3:** Specific Thermal Interface Material (T766).
* **R0:** Revision code / RoHS compliance status.
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ Can the T766 thermal material be replaced with standard thermal grease?
- ⤷ How does the straight fin design compare to a cross-cut fin design for this model?