ATS-16B-02-C2-R0
AI

The **ATS-16B-02-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 18.32°C/W (Unducted @ 100 LFM) |
| **Dimension (L x W)** | 40.00 mm x 40.00 mm |
| **Height** | 12.70 mm |
| **Attachment Type** | Push-pin (Brass) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Electronic Components & Design
The "Electronic" effectiveness of this part relies on its geometry and material properties to manage heat generated by semiconductors:
* **Heat Sink Base:** A flat aluminum base that makes direct contact with the electronic chip. It is treated with **T766 thermal phase change material**, which fills microscopic air gaps between the chip and the metal to maximize heat transfer.
* **Fin Profile:** This model uses a **fine-pitch fin design**. In electronics, surface area is critical; more fins mean more area for air to carry away heat, allowing for a lower profile (12.7mm) while maintaining high performance.
* **Push-Pin Mechanism:** Features a brass pin and a stainless steel spring. This ensures a consistent **compression force** on the electronic component, preventing the heat sink from shifting and ensuring the TIM remains effective under vibration.
---
### 3. Thermal Performance Matrix
Thermal resistance varies based on the airflow (LFM - Linear Feet per Minute) within the electronic enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 18.32 |
| 300 (1.5 m/s) | 5.35 |
| 500 (2.5 m/s) | 3.59 |
| 700 (3.5 m/s) | 2.85 |
---
### 4. Implementation Example
If you were calculating the junction temperature ($T_j$) of a component using this heat sink:
```python
# Simple Thermal Calculation
power_dissipation_watts = 5.0
ambient_temp = 25.0
thermal_resistance = 5.35 # At 300 LFM
# Formula: Tj = Tamb + (Pd * Rtheta)
junction_temp = ambient_temp + (power_dissipation_watts * thermal_resistance)
print(f"Expected Temperature: {junction_temp} °C")
# Result: 51.75 °C
```
- ⤷
What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ How do I calculate the correct hole spacing on a PCB for the push-pins?
- ⤷ What is the shelf life of the pre-applied T766 thermal interface material?